Part Number Hot Search : 
AT8989UP AP8453 2810M3 D1170 KMM536 LV8095LQ LBN07092 80NF10
Product Description
Full Text Search
 

To Download G8050S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CORPORATION
G8050S
Description Features N P N E P I TA X I A L T R A N S I S T O R
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
ISSUED DATE :2004/04/22 REVISED DATE :2004/11/29B
The G8050S is a low voltage high current small signal NPN transistor, designed for Class B push-pull audio amplifier for portable radio and general purpose applications. *Collector current up to 700mA *Collector -Emitter voltage up to 20V *Complementary to G8550S
Package Dimensions
D
E S1
TO-92
A
b1 S E A T IN G PLANE
REF.
L
e1
e
b
C
A S1 b b1 C
Millimeter Min. Max. 4.45 4.7 1.02 0.36 0.51 0.36 0.76 0.36 0.51
REF. D E L e1 e
Millimeter Min. Max. 4.44 4.7 3.30 3.81 12.70 1.150 1.390 2.42 2.66
Absolute Maximum Ratings (Ta = 25 :
Parameter
,unless otherwise specified)
Ratings Unit
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collect Current(DC) Junction Temperature Storage Temperature Range Total Power Dissipation
VCBO VCEO VEBO IC Tj TsTG PD Typ. 100 10 ,unless otherwise specified) Max. Unit V V V 1 uA 100 nA 400 0.5 V 1 V MHz pF
25 20 5 0.7 +150 -55 ~ +150 625 Test Conditions IC=10uA,IE=0 IC=1mA,IB=0 IE=10uA,IC=0 VCB=20V, IE=0 VBE=6V,Ic=0 VCE=1V,IC=150mA VCE=1V,IC=150mA lC=500mA,IB=50mA VCE=1V,Ic=150mA VCE=10V,Ic=20mA, ,f=100MHz VCB=10V, IE=0A,f=1MHz
V V V A
mW
Electrical Characteristics(Ta = 25 :
Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE1 hFE2 VCE(sat) VBE(on) fT Cob Min. 25 20 5 100 150 -
Classification Of hFE1
Rank Range C 100-180 D 160-300 E 250-400
G8050S
Page: 1/2
CORPORATION
Characteristics Curve
ISSUED DATE :2004/04/22 REVISED DATE :2004/11/29B
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
G8050S
Page: 2/2


▲Up To Search▲   

 
Price & Availability of G8050S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X